PART |
Description |
Maker |
174-14 173-14 179-14 169-14 |
Midget flanged base lens-end lamp. 5.00V, 0.170A, 880Lux. Midget flanged base lens-end lamp. 3.50V, 0.600A, 12000Lux. Midget flanged base lens-end lamp. 3.50V, 0.750A, 13000Lux. Midget flanged base lens-end lamp. 2.50V, 0.340A, 1000Lux.
|
Gilway Technical Lamp
|
SECU1403C-S SECU1403C-TG SECU1703C SEC100308 SEC14 |
3.0 ? 1.5 Surface Mount LEDs (Inner Lens Type) 3.0 × 1.5 Surface Mount LEDs (Inner Lens Type) 3x1.5 Surface Mount LED (Inner Lens) SINGLE COLOR LED, DEEP GREEN, 1 mm
|
Sanken Electric Co., Ltd.
|
LN312GP LN820WP LN435YPH LN412YP LN427YP LN235RPH |
Triangle 4mm x 4.5mm series. Lens color green diffused. 1.75mm x 7mm series. Lens color white diffused. Triangle 2mm x 2.5mm series. Lens color amber diffused. Triangle 4mm x 4.5mm series. Lens color amber diffused. Triangle 2.5mm x 5mm series. Lens color amber diffused. Triangle 2mm x 2.5mm series. Lens color red diffused.
|
Panasonic
|
SECU1401C-S SECU1401C-TG SECU1701C SECU1901C-S SEC |
3.0 ? 1.5 Surface Mount LEDs (Flat Lens Type) 3.0 × 1.5 Surface Mount LEDs (Flat Lens Type) 3x1.5 Surface Mount LED (Flat Lens) SINGLE COLOR LED, DEEP GREEN, 2 mm
|
Sanken electric
|
SM6611BBH SM6611BAH SM6611FBH SM6611 SM6611AAH SM6 |
Lens Cap; For Use With:XB2B 22mm Pushbutton Switches; Lens Color:Red; Color:Red; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No OPERATOR MUSHROOM KEY OPERATED RED 60MM Miniature High-Precision Temperature Switch IC
|
Seiko NPC Corporation NPC[Nippon Precision Circuits Inc]
|
P2475GLP S2475GLP P2475GLPW S2475GLPW S2475RLP S24 |
SpectrAlert⑩ Colored Lens Strobes and Horn/Strobes SpectrAlert Colored Lens Strobes and Horn/Strobes SpectrAlert垄芒 Colored Lens Strobes and Horn/Strobes
|
Systemsensor advanced ideas.
|
APT1608SGC APT1608YC APT1608EC |
1.6 x 0.8 mm SMD chip LED lamp. Super bright green (peak wavelength 565 nm). Lens type water clear. 1.6 x 0.8 mm SMD chip LED lamp. Yellow. (peak wavelength 590 nm). Lens type water clear. 1.6 x 0.8 mm SMD chip LED lamp. High efficiency red (peak wavelength 627 nm). Lens type water clear.
|
Kingbright Electronic
|
E28 E116 E113 E30 E106 E103 E105 E112 E209 E3 E100 |
Yellow, mini LED. Lens translucent. Luminous intensity at 10mA: 2.0mcd(min), 3.5mcd(max). Forward voltage at 20mA: 2.1V(typ), 2.5V(max). Orange InGaAIP, T-1 3/4, ultra bright LED. Lens orange translucent. Luminous intensity at 20mA: 700mcd(min), 3000mcd(max). Forward voltage at 20mA: 1.8V(typ), 2.3V(max). Super bright green, mini LED. Lens translucent. Luminous intensity at 10mA: 10.0mcd(min), 16.0mcd(max). Forward voltage at 20mA: 2.2V(typ), 2.5V(max). Green T-1, right angle LED(3mm). Lens diffused. Luminous intensity at 10mA: 5.0mcd(typ), 20.0mcd(max). Forward voltage at 20mA: 2.2V(typ), 2.5V(max). Red T-1, right angle LED(3mm). Lens diffused. Luminous intensity at 10mA: 12.5mcd(typ), 32.0mcd(max). Forward voltage at 20mA: 2.0V(typ), 2.5V(max). T-1 bright white LED / Lens clear Miniature LEDs 微型发光二极 Orange, mini LED. Lens translucent. Luminous intensity at 10mA: 3.0mcd(min), 7.0mcd(max). Forward voltage at 20mA: 2.0V(typ), 2.6V(max). Yellow T-1, right angle LED(3mm). Lens diffused. Luminous intensity at 10mA: 5.0mcd(typ), 20.0mcd(max). Forward voltage at 20mA: 2.1V(typ), 2.5V(max). High efficiency red, mini LED. Lens translucent. Luminous intensity at 10mA: 4.0mcd(min), 7.0mcd(max). Forward voltage at 20mA: 2.0V(typ), 2.5V(max)(max). Ultra bright red, mini LED. Lens translucent. Luminous intensity at 10mA: 20.0mcd(min), 60.0mcd(max). Forward voltage at 20mA: 1.85V(typ), 2.5V(max)(max). Yellow InGaAIP, T-1 3/4, ultra bright LED. Lens yellow translucent. Luminous intensity at 20mA: 400mcd(min), 1600mcd(max). Forward voltage at 20mA: 2.0V(typ), 2.5V(max).
|
Gilway Technical Lamp International Light Technologies Inc. International Light Technologies, Inc.
|
L934HD L934EC L934ED L934ID L934IT L934YT L934GC L |
T-1 (3 mm) Solid state lamp. Bright red. Lens type red diffused. T-1 (3 mm) Solid state lamp. High eficiency red. Lens type red transparent. T-1 (3mm)SOLID STATE LAMPS T-1 (3 mm) Solid state lamp. Yellow. Lens type yellow diffused. T-1 (3 mm) Solid state lamp. High eficiency red. Lens type red diffused.
|
KINGBRIGHT[Kingbright Corporation] Kingbright Electronic
|
080-1235-303 031-0137-300 051-0111-303 080-0537-30 |
Lens Cap; For Use With:031 Series Large Panel Mount Indicators; Lens Color:Clear; Color:Clear; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes SINGLE COLOR LED, WHITE SINGLE COLOR LED, RED Lens Cap; For Use With:080 Series Large Panel Mount Indicators; Lens Color:Clear; Color:Clear; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes SINGLE COLOR LED, WHITE Lens Cap; For Use With:080 Series Large Panel Mount Indicators; Lens Color:Yellow; Color:Yellow; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No SINGLE COLOR LED, AMBER SINGLE COLOR LED, GREEN
|
Dialight PLC DIALIGHT CORP
|
249-8072-3333-504 249-7870-3331-504 249-4167-3334- |
SINGLE COLOR LED, YELLOW, 7.1 mm PLASTIC PACKAGE-2 LED Lamp; LED Color:Red; Luminous Intensity:30ucd; Forward Voltage:10V; Color:Red; Leaded Process Compatible:No; Lens Style:(H x Dia) 31.0 x 8.40 mm; Lens Width:7.1; Mounting Type:Through Hole; Peak Reflow Compatible (260 C):No RoHS Compliant: No LED Lamp; LED Color:Blue; Luminous Intensity:120ucd; Forward Current:10mA; Forward Voltage:14V; Operating Temperature Range:-20 C to 71 C; Color:Blue; Leaded Process Compatible:No; Lens Style:(H x Dia) 31.0 x 8.40 mm RoHS Compliant: No
|
Dialight PLC DIALIGHT CORP
|